Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXCSP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PEMIXCSP
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXCSP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PEMIXCSP Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
6 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
7.2 Use cases
The selection of one of the filter device has to be performed in dependence of the
maximum clock frequency, the driver strength, the capacitive load of the sink and the
maximum applicable rise and fall times.
7.3 LCD interfaces, medium-speed interfaces
For digital interfaces such as Liquid Crystal Display (LCD) interfaces running at clock
speeds between 10 MHz and 25 MHz or more, the devices can be used in dependence of
the sink load, the clock speed, the driver strength and the rise and fall time requirements.
The minimum EMI filter requirements may be an important factor, too.
7.4 Keypad, low-speed interfaces
Especially for lower-speed interfaces such as keypads, low-speed serial interfaces and
low-speed control signals, the PEMIxCSP family offers a very robust ESD protection and
strong suppression of unwanted frequencies (EMI filtering). Due to their small size the
devices can easily be spread on a Printed-Circuit Board (PCB) in order to move the
ESD and EMI protection close to the part of the design which shall be protected.
(1) PEMIxCSP/RT
(2) PEMIxCSP/RW
Fig 8.
Frequency response curves
018aaa080
−40
−20
0
S21
(dB)
−60
f (MHz)
10−1
104
103
1102
10
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com