Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI8CSP/RW/P Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMI8CSP/RW/P
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI8CSP/RW/P Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMI8CSP/RW/P Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
2 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
2.
Pinning information
2.1 Pinning
2.2 Pin description
Fig 1.
PEMI4CSP: pin configuration
Fig 2.
PEMI6CSP: pin configuration
Fig 3.
PEMI8CSP: pin configuration
001aak062
transparent top view,
solder balls facing down
bump A1
index area
A
B
C
B1
2
1
B2
4
3
transparent top view,
solder balls facing down
bump A1
index area
A
B
C
B1
2
1
B2
4
3
001aak063
B3
6
5
transparent top view,
solder balls facing down
bump A1
index area
A
B
C
B1
2
1
B2
4
3
B3
6
5
001aak064
B4
8
7
Table 1.
Pinning
Pin
Description
PEMI4CSP
PEMI6CSP
PEMI8CSP
A1 and C1
A1 and C1
A1 and C1
filter channel 1
A2 and C2
A2 and C2
A2 and C2
filter channel 2
A3 and C3
A3 and C3
A3 and C3
filter channel 3
A4 and C4
A4 and C4
A4 and C4
filter channel 4
-
A5 and C5
A5 and C5
filter channel 5
-
A6 and C6
A6 and C6
filter channel 6
-
-
A7 and C7
filter channel 7
-
-
A8 and C8
filter channel 8
B1 and B2
B1, B2 and B3
B1, B2, B3 and B4
ground (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com