Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI8CSP/RW/P Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PEMI8CSP/RW/P
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI8CSP/RW/P Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PEMI8CSP/RW/P Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
4 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
5.
Limiting values
[1]
Device is qualified with 1000 pulses of
15 kV contact discharges each, according to the IEC 61000-4-2
model and far exceeds the specified level 4 (8 kV contact discharge).
6.
Characteristics
[1]
Guaranteed by design.
[2]
According to IEC 61000-4-5 and IEC 61000-4-9.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+5.6
V
VESD
electrostatic discharge
voltage
all pins to ground
[1]
contact discharge
-
20
kV
air discharge
-
30
kV
IEC 61000-4-2, level 4
all pins to ground
contact discharge
-
8kV
air discharge
-
15
kV
Ich
channel current (DC)
Tamb =70 C-
33
mA
Pch
channel power dissipation continuous power;
Tamb =70 C
-60
mW
Ptot
total power dissipation
continuous power;
Tamb =70 C
-250
mW
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Table 4.
Channel characteristics
Tamb =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance
80
100
120
Cch
channel capacitance
for the total channel;
f = 100 kHz
[1]
PEMIxCSP/RT
Vbias(DC) = 0 V
334149pF
Vbias(DC) =2.5 V
-
23
-
pF
PEMIxCSP/RW
Vbias(DC) = 0 V
435465pF
Vbias(DC) =2.5 V
-
30
-
pF
VBR
breakdown voltage
positive clamp; II =1mA
5.8
-
9
V
VF
forward voltage
negative clamp; IF =1mA
1.5
-
0.4
V
ILR
reverse leakage current
per channel; VI = 3.5 V
-
-
0.1
A
Rdyn
dynamic resistance
I = 1 A
[2]
positive transient
-
0.3
-
negative transient
-
0.85
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com