Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI8CSP/RW/P Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PEMI8CSP/RW/P
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI8CSP/RW/P Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PEMI8CSP/RW/P Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI8CSP/RW/P Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
3 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
3.
Ordering information
4.
Functional diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PEMI4CSP/RT
WLCSP10 wafer level chip-size package; 10 bumps; 1.56
 1.05  0.61 mm
PEMI4CSP/RT
PEMI4CSP/RW
WLCSP10 wafer level chip-size package; 10 bumps; 1.56
 1.05  0.61 mm
PEMI4CSP/RW
PEMI6CSP/RT
WLCSP15 wafer level chip-size package; 15 bumps; 2.36
 1.05  0.61 mm
PEMI6CSP/RT
PEMI6CSP/RW
WLCSP15 wafer level chip-size package; 15 bumps; 2.36
 1.05  0.61 mm
PEMI6CSP/RW
PEMI8CSP/RT/P
WLCSP20 wafer level chip-size package; 20 bumps; 3.16
 1.05  0.61 mm
PEMI8CSP/RT/P
PEMI8CSP/RW/P
WLCSP20 wafer level chip-size package; 20 bumps; 3.16
 1.05  0.61 mm
PEMI8CSP/RW/P
Fig 4.
PEMI4CSP: schematic diagram
Fig 5.
PEMI6CSP: schematic diagram
Fig 6.
PEMI8CSP: schematic diagram
018aaa077
Rs(ch)
Cch
C1 to C4
GND
A1 to A4
2
Cch
2
018aaa078
Rs(ch)
Cch
C1 to C6
GND
A1 to A6
2
Cch
2
018aaa079
Rs(ch)
Cch
C1 to C8
GND
A1 to A8
2
Cch
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com