Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08DP Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08DP
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08DP Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AXP2T08DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCI
input supply voltage
-0.5
3.3
V
VCCO
output supply voltage
-0.5
6.0
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
3.3
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1][2]
-0.5
VCCO + 0.5 V
VO
output voltage
Power-down or 3-state mode
[1]
-0.5
6.0
V
IO
output current
VO = 0 V to VCCO
-
±25
mA
ICCI
input supply current
-
50
mA
ICCO
output supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
-
250
mW
[1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO + 0.5 V should not exceed 6.0 V.
9. Recommended operating conditions
Table 6. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCI
input supply voltage
0.7
2.75
V
VCCO
output supply voltage
1.2
5.5
V
VI
input voltage
0
2.75
V
Active mode
0
VCCO
V
VO
output voltage
Power-down or 3-state mode
0
5.5
V
Tamb
ambient temperature
-40
+85
°C
Δt/ΔV
input transition rise
and fall rate
VCCI = 0.7 V to 2.75 V
0
200
ns/V
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com