Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08DP Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08DP
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08DP Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T08DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
74AXP2T08
Dual supply, dual 2-input AND gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1081-2
- - -
- - -
- - -
sot1081-2_po
10-11-08
11-03-30
Unit(1)
mm
max
nom
min
0.5 0.05
0.00
0.127
1.8
1.7
1.6
1.1
1.0
0.9
0.35
0.2
0.40
0.35
0.30
0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
XSON10: plastic extremely thin small outline package; no leads;
10 terminals; body 1.0 x 1.7 x 0.5 mm
SOT1081-2
A1
b
0.20
0.15
0.10
c
D
E
e
e1
1.4
k
L
L1
0.45
0.40
0.35
v
w
0.05
y
0.05
y1
0.05
0
1
2 mm
scale
C
y
C
y1
X
detail X
A
A1
c
terminal 1
index area
D
E
B
A
terminal 1
index area
5
10
k
L
L1
b
e1
e
A
C
B
v
C
w
1
5
Fig. 14. Package outline SOT1081-2 (XSON10)
74AXP2T08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 27 March 2019
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com