Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T08DP Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T08DP
Description  Dual supply, dual 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T08DP Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP2T08DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T08DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74AXP2T08
Dual supply, dual 2-input AND gate
Rev. 4 — 27 March 2019
Product data sheet
1. General description
The 74AXP2T08 is a dual supply, dual 2-input AND gate. It features four inputs (nA and nB), two
outputs (nY) and dual supply pins (VCCI and VCCO). The inputs are referenced to VCCI and the
outputs are referenced to VCCO. All inputs can be connected directly to VCCI or GND. VCCI can
be supplied at any voltage between 0.7 V and 2.75 V and VCCO can be supplied at any voltage
between 1.2 V and 5.5 V. This feature allows voltage level translation.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device ensures very low static and dynamic power consumption across the entire supply
range and is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range:
• VCCI: 0.7 V to 2.75 V
• VCCO: 1.2 V to 5.5 V
• Low input capacitance; CI = 0.6 pF (typical)
• Low output capacitance; CO = 1.8 pF (typical)
• Low dynamic power consumption; CPD = 0.5 pF at VCCI = 1.2 V (typical)
• Low dynamic power consumption; CPD = 7.1 pF at VCCO = 3.3 V (typical)
• Low static power consumption; ICCI = 0.5 μA (85 °C maximum)
• Low static power consumption; ICCO = 1.8 μA (85 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12A.01 (1.1 V to 1.3 V; nA, nB inputs)
• JESD8-11A.01 (1.4 V to 1.6 V)
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A.01 (2.3 V to 2.7 V)
• JESD8-C (2.7 V to 3.6 V; nY outputs)
• JESD12-6 (4.5 V to 5.5 V; nY outputs)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
• CDM JESD22-C101E exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 2.75 V
• Low noise overshoot and undershoot < 10% of VCCO
• IOFF circuitry provides partial power-down mode operation
• Specified from -40 °C to +85 °C


Similar Part No. - 74AXP2T08DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2T08DP-Q100 NEXPERIA-74AXP2T08DP-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
More results

Similar Description - 74AXP2T08DP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
RD74VT1G08 RENESAS-RD74VT1G08 Datasheet
2Mb / 8P
2-input AND Gate / Dual Supply Voltage Translator
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
Dual supply 2-input OR gate
74AXP2T08-Q100 NEXPERIA-74AXP2T08-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com