Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2000D Datasheet(PDF) 4 Page - OSRAM GmbH

Part # F2000D
Description  InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux), InGaAlP High Brightness LED (617nm, High Current and Flux)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F2000D Datasheet(HTML) 4 Page - OSRAM GmbH

  F2000D Datasheet HTML 1Page - OSRAM GmbH F2000D Datasheet HTML 2Page - OSRAM GmbH F2000D Datasheet HTML 3Page - OSRAM GmbH F2000D Datasheet HTML 4Page - OSRAM GmbH F2000D Datasheet HTML 5Page - OSRAM GmbH F2000D Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
F 2000D
2003-04-15
4
fj
Grenzwerte
1)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Maximaler Betriebstemperaturbereich
Maximum Operating temperature range
T
op
-40...+100
°C
Maximaler Lagertemperaturbereich
Maximum storage temperature range
T
stg
-40...+100
°C
Maximaler Durchlaßstrom (T
A = 25°C)
Maximum forward current (T
A = 25°C)
I
F
400
mA
Maximaler Pulsstrom (T
A = 25°C)
Maximum surge Current (T
A = 25°C)
t
p = 10 µs, D = 0.05
I
peak
0.4
A
Maximale Sperrschichttemperatur
Maximum junction temperature
T
j
125
°C
1)Maximum ratings are strongly package dependent and may differ between different packages. The values given
represent the chip in an OSRAM Opto Semiconductor’s Golden Dragon
® package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com