Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2000D Datasheet(PDF) 1 Page - OSRAM GmbH

Part # F2000D
Description  InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux), InGaAlP High Brightness LED (617nm, High Current and Flux)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F2000D Datasheet(HTML) 1 Page - OSRAM GmbH

  F2000D Datasheet HTML 1Page - OSRAM GmbH F2000D Datasheet HTML 2Page - OSRAM GmbH F2000D Datasheet HTML 3Page - OSRAM GmbH F2000D Datasheet HTML 4Page - OSRAM GmbH F2000D Datasheet HTML 5Page - OSRAM GmbH F2000D Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F 2000D
InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux)
InGaAlP High Brightness LED (617nm, High Current and Flux)
Vorläufige Daten / Preliminary Data
2003-04-15
1
Wesentliche Merkmale
• Optimierte Lichtauskopplung durch
Oberflächenstrukturierung und Stromverteilung
• Chipgröße 700 x 700
µm2
• Wellenlänge (typ.) : 617 nm
• Technologie:InGaAIP
• Typ. Lichtfluß: 20 lm @ 400 mA (gepulst, im
Golden Dragon
® Gehäuse).
Anwendungen
• Ampeln
• Hinterleuchtung (LCD, Handy, Schalter,
Tasten, Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
• Beleuchtung im Automobilbereich
(z.B. Instrumentenbeleuchtung, Bremslichter
und Blinklichter)
• Ersatz von Kleinst-Glühlampen
• Tragbare Beleuchtung
• Fassadenbeleuchtung im Innen- und
Außenbereich
Typ
Type
Bestellnummer
Ordering Code
Beschreibung
Description
F 2000D
Q65110A0981
Rot emittierender Chip mit optimierter Lichtauskopplung
durch Oberflächenstrukturierung, Oberseite Anodenan-
schluss
Red emitting chip with optimized light extraction due to sur-
face structuring, top side anode connection
Feature
• Optimized light extraction due to surface
structuring and current distribution
• Chip size 700 x 700
µm2
• Wavelength (typ.): 617 nm
• Technology: InGaAIP
• Typ. luminous flux: 20 lm @ 400 mA (pulsed, in
Golden Dragon
® package)
Applications
• Traffic lights
• Backlighting (LCD, cellular phones, switches,
keys, displays, illuminated advertising,general
lighting)
• Automotive lighting (e.g. dashboard
backlighting, brake lights, turn signal lamps,
etc.)
• Substitution of micro incandescent lamps
• Portable light source
• Indoor and outdoor commercial and residential
architectural lighting


Similar Part No. - F2000D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
F2000ERW MPD-F2000ERW_14 Datasheet
217Kb / 2P
F2000ERW SERIES
More results

Similar Description - F2000D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
High Brightness LED Current Regulator
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
InGaAlP High Brightness Red Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
InGaAlP High Brightness Yellow Light Emission
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
InGaAlP High Brightness Orange Light
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
logo
Allegro MicroSystems
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
High Brightness LED Current Regulator
logo
Seoul Semiconductor
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
Superior high Flux for High Current System
SDW05F1C SEOUL-SDW05F1C Datasheet
516Kb / 20P
Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com