Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2000D Datasheet(PDF) 5 Page - OSRAM GmbH

Part # F2000D
Description  InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux), InGaAlP High Brightness LED (617nm, High Current and Flux)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F2000D Datasheet(HTML) 5 Page - OSRAM GmbH

  F2000D Datasheet HTML 1Page - OSRAM GmbH F2000D Datasheet HTML 2Page - OSRAM GmbH F2000D Datasheet HTML 3Page - OSRAM GmbH F2000D Datasheet HTML 4Page - OSRAM GmbH F2000D Datasheet HTML 5Page - OSRAM GmbH F2000D Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
F 2000D
2003-04-15
5
Durchlassstrom
1) I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlaßstrom
1) I
F = f (TS)
Maximum Permissible Forward Current
1)
Based on typ.(see page 2, footnote 2 for explanation)
data measured in OSRAM Opto Semiconductor’s
Golden Dragon® package.
Relative Lichtstärke
1) I
V/IV(400mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
1) I
V/IV(25°C) = f (TS)
Relative Luminous Intensity
I
F = 400 mA
OHL00787
10
0
1
10
2
10
10
3
mA
IF
VF
1.2
V
1.4 1.6 1.8 2.0 2.2 2.4
2.8
OHL01787
mA
IF
0
0
20
˚C
60
40
80
100
TS
50
100
150
200
250
300
350
400
450
OHL00788
10-4
10-3
10-2
101
I
10
-1
mA
V (400 mA)
I
V
I
F
10-1
0
10
1
10
2
10
3
10
OHL00987
0
-40
˚C
T
I
V (25 ˚C)
I
V
-20
0
20
40
60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com