Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC393D-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC393D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC393-Q100; 7474HCT393-Q100 is a dual 4-stage binary ripple counter. Each
counter features a clock input (nCP), an overriding asynchronous master reset input
(nMR) and 4 buffered parallel outputs (nQ0 to nQ3). The counter advances on the
HIGH-to-LOW transition of nCP. A HIGH on nMR clears the counter stages and forces the
outputs LOW, independent of the state of nCP. Inputs include clamp diodes. This enables
the use of current limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Input levels:
For 74HC393-Q100: CMOS level
For 74HCT393-Q100: TTL level
Complies with JEDEC standard no. 7A
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Two 4-bit binary counters with individual clocks
Divide by any binary module up to 28 in one package
Two master resets to clear each 4-bit counter individually
74HC393-Q100; 74HCT393-Q100
Dual 4-bit binary ripple counter
Rev. 1 — 19 June 2014
Product data sheet


Similar Part No. - 74HC393D-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC393D-Q100 NEXPERIA-74HC393D-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
More results

Similar Description - 74HC393D-Q100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
Dual 4-bit binary ripple counter
1988 Nov 01
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
Dual 4-bit binary ripple counter
1997 Jun 10
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
DUAL 4-BIT BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com