Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D-Q100 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74HC393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC393D-Q100 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74HC393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
11 of 20
Nexperia
74HC393-Q100; 74HCT393-Q100
Dual 4-bit binary ripple counter
[1]
tpd is the same as tPLH and tPHL.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
10.1 Waveforms
CPD
power
dissipation
capacitance
CL =50pF;f=1 MHz;
VI =GND to VCC  1.5 V
[3]
-25
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Measurement points are given in Table 8.
Fig 9.
Propagation delays clock (nCP) to output (nQx), the output transition times and the maximum clock
frequency
001aad537
VM
VM
tPLH
tTLH
tTHL
tPHL
input nCP
VI
GND
VOH
VOL
1/fmax
output nQx
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC393-Q100
0.5VCC
0.5VCC
74HCT393-Q100
1.3 V
1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com