Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC393D-Q100 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC393D-Q100 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC393D-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
13 of 20
Nexperia
74HC393-Q100; 74HCT393-Q100
Dual 4-bit binary ripple counter
Measurement points are given in Table 8.
a. Input pulse definition
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
b. Test circuit
Fig 11. Test circuit for measuring switching times
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tf
tr
tr
tf
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
D.U.T.
Table 9.
Test data
Type
Input
Load
VI
tr, tf
CL
74HC393-Q100
VCC
6 ns
15 pF, 50 pF
74HCT393-Q100
3 V
6 ns
15 pF, 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com