Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF2DFN1 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PCMF2DFN1
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF2DFN1 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PCMF2DFN1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PCMF2DFN1_PCMF3DFN1
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2014
3 of 14
NXP Semiconductors
PCMF2DFN1; PCMF3DFN1
Common-mode EMI filter for differential channels with ESD protection
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PCMF2DFN1
DFN2520-9
plastic extremely thin small outline package;
no leads; 9 terminals; body 2
 2.5  0.5 mm
SOT1333-1
PCMF3DFN1
DFN4020-14
plastic extremely thin small outline package;
no leads; 14 terminals; body 2
 4  0.5 mm
SOT1334-1
Table 4.
Marking codes
Type number
Marking code
PCMF2DFN1
MP1
PCMF3DFN1
CMFMP1
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
5
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4;
all input pins to ground
contact discharge
15
15
kV
air discharge
15
15
kV
IEC 61000-4-2, level 4;
all output pins to ground
contact discharge
22
kV
air discharge
22
kV
Tstg
storage temperature
55
+125
C
Tamb
ambient temperature
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com