Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF2DFN1 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PCMF2DFN1
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF2DFN1 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PCMF2DFN1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PCMF2DFN1_PCMF3DFN1
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2014
4 of 14
NXP Semiconductors
PCMF2DFN1; PCMF3DFN1
Common-mode EMI filter for differential channels with ESD protection
6.
Characteristics
6.1 Channel characteristics
[1]
This parameter is guaranteed by design.
[2]
100 ns Transmission Line Pulse (TLP); 50
; pulser at 70 to 90 ns.
[3]
According to IEC 61000-4-5 (8/20
s).
Table 6.
Channel characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series
resistance
single line; input to output
-
5
-
Cd
diode capacitance
f = 1 MHz; VI = 2.5 V
[1] -
0.6
0.75
pF
IRM
reverse leakage
current
per line; VI = 5 V
-
-
100
nA
VBR
breakdown voltage
IR =10mA
6
-
9
V
VF
forward voltage
IF = 10 mA
0.6
-
1.1
V
Rdyn
dynamic resistance
TLP
[2]
positive transient
-
0.6
-
negative transient
-
0.6
-
surge
[3]
positive transient
-
0.6
-
negative transient
-
0.6
-
VCL
clamping voltage
positive transient; IPP =4A
[3] -4.8
-V
negative transient; IPP = 5A
[3] -
3.6
-
V
TLP; ICL =8A
-
8
-
V
TLP; ICL = 12 A
-
10.5
-
V
TLP; ICL = 16 A
-
13.4
-
V
TLP; ICL = 8A
-
6-
V
TLP; ICL = 12 A
-
8.4
-
V
TLP; ICL = 16 A
-
10.7 -
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com