Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMF2DFN1 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PCMF2DFN1
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF2DFN1 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PCMF2DFN1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMF2DFN1 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PCMF2DFN1_PCMF3DFN1
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2014
5 of 14
NXP Semiconductors
PCMF2DFN1; PCMF3DFN1
Common-mode EMI filter for differential channels with ESD protection
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snap-back state after exceeding
breakdown voltage (due to an ESD pulse for instance).
IEC 61000-4-5; tp =8/20 s; positive pulse
IEC 61000-4-5; tp =8/20 s; negative pulse
Fig 1.
Dynamic resistance with positive clamping;
typical values
Fig 2.
Dynamic resistance with negative clamping;
typical values
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 3.
Dynamic resistance with positive clamping;
typical values
Fig 4.
Dynamic resistance with negative clamping;
typical values
VCL (V)
3.0
5.5
5.0
4.0
4.5
3.5
aaa-007659
3
2
4
5
ICL
(A)
1
VCL (V)
-5
-1
-2
-4
-3
aaa-007660
-5
-3
-1
ICL
(A)
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com