Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5346D/H Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV5346D/H
Description  MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5346D/H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV5346D/H Datasheet HTML 3Page - STMicroelectronics STV5346D/H Datasheet HTML 4Page - STMicroelectronics STV5346D/H Datasheet HTML 5Page - STMicroelectronics STV5346D/H Datasheet HTML 6Page - STMicroelectronics STV5346D/H Datasheet HTML 7Page - STMicroelectronics STV5346D/H Datasheet HTML 8Page - STMicroelectronics STV5346D/H Datasheet HTML 9Page - STMicroelectronics STV5346D/H Datasheet HTML 10Page - STMicroelectronics STV5346D/H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
S
T
V
5
3
4
6
+5V
25
2
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
26
27
28
SL
MA
+5V
+5V
3
1k
Ω
3.9k
Ω
+5V
0.1
µF
0.1
µF
C1*
C2*
TV
VCR
CVBS
MA/SL
VDDA
POL
STTV/LFB
FFB
VSSD
R
G
B
RGB REF
BLAN
COR
ODD/EVEN
Y
SCL
SDA
VCR/TV
XTO
XTI
TEST
CBLK
V
V
SSA
SSO
VDDD
1
µF
+5V
0.1
µF
10nF
+5V
1
1
µF
13.875MHz
47k
Ω**
47k
Ω**
47k
Ω**
* Value according to used crystal, C1 = C2 = 2 * CLOAD
Example : C1 = C2 = 56pF, CLOAD = 30pF.
** Depending on application. Please refer to our video application lab.
Remark : all the power supply inputs must be switched on at the same time (connected to the same source).
APPLICATION DIAGRAM
STV5346 - STV5346/H - STV5346/T
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com