Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5346D/H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5346D/H
Description  MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5346D/H Datasheet(HTML) 1 Page - STMicroelectronics

  STV5346D/H Datasheet HTML 1Page - STMicroelectronics STV5346D/H Datasheet HTML 2Page - STMicroelectronics STV5346D/H Datasheet HTML 3Page - STMicroelectronics STV5346D/H Datasheet HTML 4Page - STMicroelectronics STV5346D/H Datasheet HTML 5Page - STMicroelectronics STV5346D/H Datasheet HTML 6Page - STMicroelectronics STV5346D/H Datasheet HTML 7Page - STMicroelectronics STV5346D/H Datasheet HTML 8Page - STMicroelectronics STV5346D/H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
STV5346
STV5346/H - STV5346/T
MONOCHIP TELETEXT DECODER
WITH 8 INTEGRATED PAGES
November 1995
.
COMPLETE TELETEXT DECODER INCLUD-
ING AN 8 PAGE MEMORY ON A SINGLE
CHIP
.
UPWARD SOFTWARE COMPATIBLE WITH
PREVIOUS
SGS-THOMSON’s
MULTICHIP
SOLUTIONS (SAA5231, SDA5243, STV5345)
.
SINGLE +5V SUPPLY VOLTAGE
.
SINGLE 13.875MHz CRYSTAL
.
REDUCED SET OF EXTERNAL COMPO-
NENTS, NO EXTERNAL ADJUSTMENT
.
OPTIMIZED NUMBER OF DIGITAL SIGNALS
REDUCING EMC RADIATION
.
HIGH DENSITY CMOS TECHNOLOGY
.
DIGITAL DATA SLICER AND DISPLAY CLOCK
PHASE LOCK LOOP
.
28 PIN DIP & SO PACKAGE
DESCRIPTION
The STV5346 decoder is a computer-controlled
teletext device including an 8 page internal mem-
ory. Data slicing and capturing extracts the teletext
information embedded in the composite video sig-
nal. Control is accomplished via a two wire serial
I
2C bus ®. Internal ROM provides a character set
suitable to display text using up to seven national
languages. Different ROM versions will support
several national character sets. Hardware and soft-
ware features allow selectable master/slave syn-
chronization configurations. The STV5346 also
supports facilities for reception and display of cur-
rent level protocol data.
DIP28
(Plastic Package)
ORDER CODE :
STV5346 West European
STV5346/H East European
STV5346/T Turkish & European
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
24
23
22
21
11
12
25
13
14
28
27
26
CVBS
MA/SL
POL
STTV/LFB
FFB
R
G
B
RGB REF
BLAN
COR
ODD/EVEN
CBLK
TEST
V
SSA
V
SSO
XTI
XTO
V
DDD
VCR/TV
RESERVED
SDA
SCL
Y
RESERVED
RESERVED
V
DDA
V
SSD
PIN CONNECTIONS
SO28
(Plastic Package)
ORDER CODE :
STV5346D West European
STV5346D/H East European
STV5346D/T Turkish & European
1/21


Similar Part No. - STV5346D/H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5345H STMICROELECTRONICS-STV5345H Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5345T STMICROELECTRONICS-STV5345T Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
More results

Similar Description - STV5346D/H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
COMPUTER-CONTROLLED TELETEXT DECODER
September 1993
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com