Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5346D/H Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5346D/H
Description  MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5346D/H Datasheet(HTML) 3 Page - STMicroelectronics

  STV5346D/H Datasheet HTML 1Page - STMicroelectronics STV5346D/H Datasheet HTML 2Page - STMicroelectronics STV5346D/H Datasheet HTML 3Page - STMicroelectronics STV5346D/H Datasheet HTML 4Page - STMicroelectronics STV5346D/H Datasheet HTML 5Page - STMicroelectronics STV5346D/H Datasheet HTML 6Page - STMicroelectronics STV5346D/H Datasheet HTML 7Page - STMicroelectronics STV5346D/H Datasheet HTML 8Page - STMicroelectronics STV5346D/H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Positive Supply Voltage on VDDD and VDDA
- 0.3, 6.0
V
VI
Input Voltage (any input)
- 0.3, VDD + 0.5
V
VO
Output Voltage (any output)
- 0.3, VDD + 0.5
V
∆VDD
Difference between VDDD,VDDA
0.25
V
Toper
Operating Ambient Temperature
0, + 70
oC
Tstg
Storage Temperature
- 40, + 150
oC
ELECTRICAL CHARACTERISTICS (VDD = 5V, VSS = 0V, TA =25
oC)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SUPPLIES
VDD
Supply Voltage
4.75
5
5.25
V
IDDD
VDDD Pin Supply Current
30
mA
IDDA
VDDA Pin Supply Current
5
mA
INPUTS
CBLK
IBLKO
Source Current (VCBLK =2V, VCVBS = 0V)
80
µA
IBLKI
Sink Current (VCBLK =2V, VCVBS = 1V))
- 10
µA
CVBS
CVBSI
Video Input Amplitude (peak to peak)
1
V
CVBSC
Input Capacitance
10
pF
tSYNC
Delay from CVBS to TCS Output from STTV Pin
200
ns
VCLAMP
Clamping Level at Synchro Pulse
0
mV
ICLPH
High Level Clamp Current (CVBS = VCLAMP + 1V)
5
µA
ICLPL
Low Level Clamp Current (CVBS = VCLAMP - 0.3V)
- 400
µA
MA/SL, POL, LFB, FFB, VCR/TV
VIL
Input Voltage Low Level
- 0.3
+ 0.8
V
VIH
Input Voltage High Level
2
VDD
V
IIL
Input Leakage Current (VI = 0 to VDDD)
- 10
+ 10
µA
CI
Input Capacitance
10
pF
SCL, SDA
VIL
Input Voltage Low Level
- 0.3
+ 1.5
V
VIH
Input Voltage High Level
3
VDD
V
IIL
Input Leakage Current (VI = 0 to VDD)
- 10
+ 10
µA
fSCL
Clock Frequency (SCL)
100
kHz
tR,tF
Input Rise and Fall Time (10 to 90%)
2
µs
CI
Input Capacitance
10
pF
RGB REF
VI
Input Voltage
- 0.3
VDD
V
II
Input Current
50
mA
STV5346 - STV5346/H - STV5346/T
3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com