Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC245 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC245
Description  Octal bus transceiver; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC245 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC245 Datasheet HTML 3Page - NXP Semiconductors 74ALVC245 Datasheet HTML 4Page - NXP Semiconductors 74ALVC245 Datasheet HTML 5Page - NXP Semiconductors 74ALVC245 Datasheet HTML 6Page - NXP Semiconductors 74ALVC245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC245 Datasheet HTML 9Page - NXP Semiconductors 74ALVC245 Datasheet HTML 10Page - NXP Semiconductors 74ALVC245 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2003 Jul 10
7
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74ALVC245
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay
An to Bn; Bn to An
see Figs 4 and 6
1.65 to 1.95
1.0
2.7
6.0
ns
2.3 to 2.7
1.0
2.1
3.5
ns
2.7
1.0
3.0
3.6
ns
3.0 to 3.6
1.0
2.3
3.4
ns
tPZH/tPZL
3-state output enable time
OE to An; OE to Bn
see Figs 5 and 6
1.65 to 1.95
1.0
4.0
8.6
ns
2.3 to 2.7
1.0
3.0
6.0
ns
2.7
1.0
2.6
6.3
ns
3.0 to 3.6
1.0
2.9
5.5
ns
tPHZ/tPLZ
3-state output disable time
OE to An; OE to Bn
see Figs 5 and 6
1.65 to 1.95
1.0
4.4
8.0
ns
2.3 to 2.7
1.0
2.3
4.8
ns
2.7
1.0
3.3
5.3
ns
3.0 to 3.6
1.0
3.2
5.5
ns
handbook, halfpage
MNA176
An, Bn input
Bn, An output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.4 Input (An, Bn) to output (Bn, An) propagation delay times.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com