Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC245 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC245
Description  Octal bus transceiver; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC245 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC245 Datasheet HTML 1Page - NXP Semiconductors 74ALVC245 Datasheet HTML 2Page - NXP Semiconductors 74ALVC245 Datasheet HTML 3Page - NXP Semiconductors 74ALVC245 Datasheet HTML 4Page - NXP Semiconductors 74ALVC245 Datasheet HTML 5Page - NXP Semiconductors 74ALVC245 Datasheet HTML 6Page - NXP Semiconductors 74ALVC245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2003 Jul 10
2
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74ALVC245
FEATURES
• Wide supply voltage range from 1.65 to 3.6 V
• Complies with JEDEC standard:
JESD8-7 (1.65 to 1.95 V)
JESD8-5 (2.3 to 2.7 V)
JESD8B/JESD36 (2.7 to 3.6 V).
• 3.6 V tolerant inputs/outputs
• CMOS LOW power consumption
• Direct interface with TTL levels (2.7 to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
DESCRIPTION
The 74ALVC245 is a high-performance, low-power,
low-voltage, Si-gate CMOS device and superior to most
advanced CMOS compatible TTL families.
The 74ALVC245 is an octal transceiver featuring
non-inverting 3-state bus compatible outputs in both send
and receive directions. The 74ALVC245 features an
output enable input (OE) for easy cascading and
send/receive input (DIR) for direction control. OE controls
the outputs, so that the buses are effectively isolated.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay inputs An to Bn;
Bn to An
VCC = 1.8 V; CL = 30 pF; RL =1kΩ
2.7
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
2.1
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
3.0
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.3
ns
CI
input capacitance
3.5
pF
CI/O
input/output capacitance
3.5
pF
CPD
power dissipation capacitance per buffer
VCC = 3.3 V; notes 1 and 2
outputs enable
25
pF
outputs disabled
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com