Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC245 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC245
Description  Octal bus transceiver; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC245 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC245 Datasheet HTML 1Page - NXP Semiconductors 74ALVC245 Datasheet HTML 2Page - NXP Semiconductors 74ALVC245 Datasheet HTML 3Page - NXP Semiconductors 74ALVC245 Datasheet HTML 4Page - NXP Semiconductors 74ALVC245 Datasheet HTML 5Page - NXP Semiconductors 74ALVC245 Datasheet HTML 6Page - NXP Semiconductors 74ALVC245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2003 Jul 10
3
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74ALVC245
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
TYPE NUMBER
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
74ALVC245D
20
SO20
plastic
SOT163-1
74ALVC245PW
20
TSSOP20
plastic
SOT360-1
INPUT
INPUT/OUTPUT
OE
DIR
An
Bn
L
L
A = B
input
L
H
input
B = A
HX
Z
Z
PINNING
PIN
SYMBOL
DESCRIPTION
1
DIR
direction control
2
A0
data input/output
3
A1
data input/output
4
A2
data input/output
5
A3
data input/output
6
A4
data input/output
7
A5
data input/output
8
A6
data input/output
9
A7
data input/output
10
GND
ground (0 V)
11
B7
data input/output
12
B6
data input/output
13
B5
data input/output
14
B4
data input/output
15
B3
data input/output
16
B2
data input/output
17
B1
data input/output
18
B0
data input/output
19
OE
output enable input (active
LOW)
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com