Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ti.com
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
12
14
0
1
2
3
4
5
t − ime − µs
T
PD
Output
0
0.4
0.8
1.2
1.6
2
0
50
100
150
200
250
t − Time − ns
0
1
2
3
4
5
PD
Output
−5
0
5
10
15
20
25
30
35
40
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
Input Common-Mode Voltage − V
-30
-20
-10
0
10
20
30
40
50
60
70
80
10K
100K
1M
10M
100M
1G
10G
f - Frequency - Hz
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
30
60
R = 200
V = 5 V
L
S
W
Gain
Phase
1
10
100
1000
10
100
1000
10000
100000
1 M
f - Frequency - Hz
10 M
Vn
In
21
22
23
18
19
20
0
20
40
60
80
100 120 140 160 180 200
f - Frequency -MHz
50-
System
G = 6 dB
W
THS4513
SLOS472 – AUGUST 2005
TURN-OFF TIME
TURN-ON TIME
Figure 25.
Figure 26.
INPUT OFFSET VOLTAGE vs
OPEN-LOOP GAIN vs FREQUENCY
INPUT COMMON-MODE VOLTAGE
Figure 27.
Figure 28.
INPUT REFERRED NOISE vs FREQUENCY
NOISE FIGURE vs FREQUENCY
Figure 29.
Figure 30.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com