Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4513 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 3 Page - Texas Instruments

  THS4513 Datasheet HTML 1Page - Texas Instruments THS4513 Datasheet HTML 2Page - Texas Instruments THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
SPECIFICATIONS; V
S+– VS– = 5 V:
THS4513
SLOS472 – AUGUST 2005
Test conditions unless otherwise noted: V
S+ = 2.5 V, VS– = –2.5 V, G = 0 dB, CM = open, VO = 2 Vpp, RF = 348 Ω, RL =
200
Ω Differential, T
A = 25°C Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
G = 0 dB, VO = 100 mVpp
1.6
GHz
Small-Signal Bandwidth
G = 6 dB, VO = 100 mVpp
1.4
GHz
Gain-Bandwidth Product
G = 6 dB
2.8
GHz
G = 0 dB, VO = 2 Vpp
150
Bandwidth for 0-dB Flatness
MHz
G = 6 dB, VO = 2 Vpp
700
Large-Signal Bandwidth
G = 0 dB, VO = 2 Vpp
1.4
GHz
Slew Rate (Differential)
5100
V/µs
0.5
Rise Time Fall Time
2V Step
0.5
ns
Settling Time to 1%
2.9
Settling Time to 0.1%
16
f = 10 MHz
–110
f = 50 MHz
–80
dBc
2nd Order Harmonic Distortion
f = 100 MHz
–66
f = 10 MHz
–108
C
f = 50 MHz
–94
dBc
3rd Order Harmonic Distortion
f = 100 MHz
–81
fC = 70 MHz
–78
2nd Order Intermodulation Distortion
VO = 2 Vpp envelope,
fC = 140 MHz
–55
200 kHz Tone Spacing,
dBc
fC = 70 MHz
–88
RL = 100 Ω
3rd Order Intermodulation Distortion
fC = 140 MHz
–72
fC = 70 MHz
77
2nd Order Output Intercept Point
fC = 140 MHz
53
200 kHz Tone Spacing
dBm
RL = 100 Ω
fC = 70 MHz
42
3rd Order Output Intercept Point
fC = 140 MHz
34
1-dB Compression Point
fC = 70 MHz
12.2
dBm
fC = 140 MHz
10.8
Noise Figure
50
Ω System, 10 MHz, G = 6 dB
19.8
dB
Input Voltage Noise
f > 10 MHz
2.2
nV/
√Hz
Input Current Noise
f > 10 MHz
1.7
pA/
√Hz
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
63
dB
C
TA = 25°C
1
4
mV
Input Offset Voltage
A
TA = –40°C to 85°C
1
5
mV
Average Offset Voltage Drift
TA = –40°C to 85°C
2.6
µV/°C
B
TA = 25°C
8
15.5
Input Bias Current
µA
A
TA = –40°C to 85°C
8
18.5
Average Bias Current Drift
TA = –40°C to 85°C
20
nA/°C
B
TA = 25°C
1.6
3.6
Input Offset Current
µA
A
TA = –40°C to 85°C
1.6
7
Average Offset Current Drift
TA = –40°C to 85°C
4
nA/°C
B
INPUT
Common-Mode Input Range High
1.75
V
Common-Mode Input Range Low
–1.75
B
Common-Mode Rejection Ratio
90
dB
(1)
Test levels: (A) 100% tested at 25
°C. Overtemperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com