Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4513 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
t − Time − ns
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
250
0
0.5
1
1.5
2
2.5
3
PD
O u t p u t
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
12
14
0
0.5
1
1.5
2
2.5
3
t - Time - ms
PD
Output
21
22
23
18
19
20
0
20
40
60
80
100
120
140
160
180
200
f - Frequency - MHz
50-
System
G = 6 dB
W
-60
-55
-50
-45
-40
-35
-30
-25
-20
0.1
1
10
100
1000
f - Frequency - MHz
R = 200
V
= 500 mV
L
W
OD
PP
f
− Frequency − MHz
0.01
0.1
1
10
100
0.1
1
10
100
1000
0.1
1
10
100
1000
f - Frequency - MHz
-4
-3
-2
-1
0
1
2
THS4513
SLOS472 – AUGUST 2005
TURN-OFF TIME
TURN-ON TIME
Figure 63.
Figure 64.
OUTPUT BALANCE ERROR vs FREQUENCY
NOISE FIGURE vs FREQUENCY
Figure 65.
Figure 66.
CM SMALL SIGNAL FREQUENCY RESPONSE
CM INPUT IMPEDANCE vs FREQUENCY
Figure 67.
Figure 68.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com