Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LVC2G66 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC2G66 Datasheet(HTML) 4 Page - Silicon Supplies

  54LVC2G66 Datasheet HTML 1Page - Silicon Supplies 54LVC2G66 Datasheet HTML 2Page - Silicon Supplies 54LVC2G66 Datasheet HTML 3Page - Silicon Supplies 54LVC2G66 Datasheet HTML 4Page - Silicon Supplies 54LVC2G66 Datasheet HTML 5Page - Silicon Supplies 54LVC2G66 Datasheet HTML 6Page - Silicon Supplies 54LVC2G66 Datasheet HTML 7Page - Silicon Supplies 54LVC2G66 Datasheet HTML 8Page - Silicon Supplies 54LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4 of 9 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DC Electrical Characteristics (Voltages Referenced to GND)
Low Voltage CMOS Logic – 54LVC2G66
Rev 1.0
29/06/19
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL
RANGE
6
UNITS
1.65 - 1.95V
0.65xVCC
0.65xVCC
0.65xVCC
2.3 - 2.7V
0.7xVCC
0.7xVCC
0.7xVCC
2.7 - 3.6V
0.7xVCC
0.7xVCC
0.7xVCC
Maximum
High-Level
Input Voltage
VIH
4.5 - 5.5V
0.7xVCC
0.7xVCC
0.7xVCC
V
1.65 - 1.95V
0.35xVCC
0.35xVCC
0.35xVCC
2.3 - 2.7V
0.3xVCC
0.3xVCC
0.3xVCC
2.7 - 3.6V
0.3xVCC
0.3xVCC
0.3xVCC
Maximum
Low-Level
Input Voltage
VIL
4.5 - 5.5V
0.3xVCC
0.3xVCC
0.3xVCC
V
1.65V
VIN=VCC or GND,
ISW = 4mA,
OE = VIH
12.5
30
45
2.3V
VIN=VCC or GND,
ISW = 8mA,
OE = VIH
9
20
30
3V
VIN=VCC or GND,
ISW =24mA,
OE = VIH
7.5
15
23
On-State
Switch
Resistance
5
rON
4.5V
VIN=VCC or GND,
ISW =32mA,
OE = VIH
6
10
15
Ω
1.65V
VIN=VCC to GND,
ISW = 4mA,
OE = VIH
85
130
195
2.3V
VIN=VCC to GND,
ISW = 8mA,
OE = VIH
22
30
45
3V
VIN=VCC to GND,
ISW =24mA,
OE = VIH
12
20
30
Peak
On-State
Resistance
5
rON(P)
4.5V
VIN=VCC to GND,
ISW =32mA,
OE = VIH
7.5
15
23
Ω
1.65V
VIN=VCC to GND,
ISW = 4mA,
OE = VIH
7
7
7
2.3V
VIN=VCC to GND,
ISW = 8mA,
OE = VIH
5
5
5
3V
VIN=VCC to GND,
ISW =24mA,
OE = VIH
3
3
3
On-State
Resistance
difference
between
Switches
ΔrON
4.5V
VIN=VCC to GND,
ISW =32mA,
OE = VIH
2
2
2
Ω
 
5. 25°C values specified as Typical 6. -55˚C ≤ TJ ≤ +125˚C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com