Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LVC2G66 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC2G66 Datasheet(HTML) 2 Page - Silicon Supplies

  54LVC2G66 Datasheet HTML 1Page - Silicon Supplies 54LVC2G66 Datasheet HTML 2Page - Silicon Supplies 54LVC2G66 Datasheet HTML 3Page - Silicon Supplies 54LVC2G66 Datasheet HTML 4Page - Silicon Supplies 54LVC2G66 Datasheet HTML 5Page - Silicon Supplies 54LVC2G66 Datasheet HTML 6Page - Silicon Supplies 54LVC2G66 Datasheet HTML 7Page - Silicon Supplies 54LVC2G66 Datasheet HTML 8Page - Silicon Supplies 54LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 9 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 54LVC2G66
Rev 1.0
29/06/19
OE
SWITCH
H
L
ON
OFF
H = High level (steady state)
L = Low level (steady state)
Function Table
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
2B
-47.6
166.7
2
OE1
-217.6
166.7
3
VCC
-256.7
47
4
1A
-256.7
-131
5
1B
47.6
-166.7
6
OE2
217.6
-166.7
7
GND
256.4
-47
8
2A
256.7
131
CONNECT CHIP BACK TO VCC OR FLOAT
 
590µm (28.35 mils)
Pad Layout and Functions
1
2
3
4
5
6
7
8
0,0
DIE ID
Logic Diagram
Expanded Logic Diagram
(x1 Switch)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com