Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LVC2G66 Datasheet(PDF) 8 Page - Silicon Supplies

Part # 54LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC2G66 Datasheet(HTML) 8 Page - Silicon Supplies

  54LVC2G66 Datasheet HTML 1Page - Silicon Supplies 54LVC2G66 Datasheet HTML 2Page - Silicon Supplies 54LVC2G66 Datasheet HTML 3Page - Silicon Supplies 54LVC2G66 Datasheet HTML 4Page - Silicon Supplies 54LVC2G66 Datasheet HTML 5Page - Silicon Supplies 54LVC2G66 Datasheet HTML 6Page - Silicon Supplies 54LVC2G66 Datasheet HTML 7Page - Silicon Supplies 54LVC2G66 Datasheet HTML 8Page - Silicon Supplies 54LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8 of 9 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 54LVC2G66
Rev 1.0
29/06/19
FIGURE 1 & 2 MEASUREMENT POINTS
Supply
Input
VEXT
VCC
VIN
tr / tf
VM
tPZL, tPLZ
tPZH, tPHZ
tPHL, tPLH
VX
VY
1.8 ±0.15V
VCC
≤2 ns
0.5xVCC
2xVCC
GND
open
VOL +0.15V
VOH -0.15V
2.5 ±0.2V
VCC
≤2 ns
0.5xVCC
2xVCC
GND 
open
VOL +0.15V
VOH -0.15V
3.3 ±0.3V
VCC
≤2.5 ns
0.5xVCC
2xVCC
GND 
open
VOL +0.3V
VOH -0.3V
5 ±0.5V
VCC
≤2.5 ns
0.5xVCC
2xVCC
GND 
open
VOL +0.3V
VOH -0.3V
 
Figure 2 – Enable & Disable Timing, Switch
Switching Waveforms continued



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com