Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74HC74
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC74 Datasheet(HTML) 4 Page - Silicon Supplies

  74HC74 Datasheet HTML 1Page - Silicon Supplies 74HC74 Datasheet HTML 2Page - Silicon Supplies 74HC74 Datasheet HTML 3Page - Silicon Supplies 74HC74 Datasheet HTML 4Page - Silicon Supplies 74HC74 Datasheet HTML 5Page - Silicon Supplies 74HC74 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC74
Rev 1.0
21/11/17
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0
0.1
0.1
0.1
4.5
0.1
0.1
0.1
6.0
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
4.5
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.33
Maximum Low-Level
Output Voltage
VOL
6.0
VIN = VIH or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.33
V
Maximum Input
Leakage Current
IIN
6.0
VIN = GND or VCC
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0
VIN = GND or VDD
IOUT = 0µA
2.0
20
20
µA
DC Electrical Characteristics Continued (Voltages referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0
6.0
4.8
4.8
4.5
30
24
24
Maximum Clock
Frequency
fmax
6.0
CL = 50pF,
tr = tf = 6ns
35
28
28
MHz
2.0
100
125
125
4.5
20
25
25
Propagation Delay,
CLK to Q or Q
(Figure 1)
tPLH, tPHL
6.0
CL = 50pF,
tr = tf = 6ns
17
21
21
ns
2.0
105
130
130
4.5
21
26
26
Propagation Delay,
PRE or CLR to Q or
Q (Figure 2)
tPLH, tPHL
6.0
CL = 50pF,
tr = tf = 6ns
18
22
22
ns
2.0
75
95
95
4.5
15
19
19
Output Transition
Time, Any Output
(Figure 1)
tTLH, tTHL
6.0
CL = 50pF,
tr = tf = 6ns
13
16
16
ns
Input Capacitance
CIN
-
CL = 50pF,
tr = tf = 6ns
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance
(Per Flip-Flop)
CPD
-
TJ = 25°C,
VCC = 5.0V
39
pF
 
5. Not production tested in die form, characterized by chip design and tested in package.
4. -40˚C ≤ TJ ≤ +85˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com