Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC74
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC74 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC74 Datasheet HTML 1Page - Silicon Supplies 74HC74 Datasheet HTML 2Page - Silicon Supplies 74HC74 Datasheet HTML 3Page - Silicon Supplies 74HC74 Datasheet HTML 4Page - Silicon Supplies 74HC74 Datasheet HTML 5Page - Silicon Supplies 74HC74 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
d 
High Speed CMOS Logic – 74HC74
Rev 1.0
21/11/17
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
1194µm (47 mils)
0,0
12
11
10
9
13
14
8
7
6
5
4
3
2
1
DIE ID
PAD
FUNCTION
1
1CLR
2
1D
3
1 CLK
4
1PRESET
5
1Q
6
1Q
7
GND
8
2Q
9
2Q
10
2PRESET
11
2CLK
12
2D
13
2 CLR
14
VCC
CONNECT CHIP BACK TO VCC OR FLOAT
 
Truth Table
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com