Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC74
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC74 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC74 Datasheet HTML 1Page - Silicon Supplies 74HC74 Datasheet HTML 2Page - Silicon Supplies 74HC74 Datasheet HTML 3Page - Silicon Supplies 74HC74 Datasheet HTML 4Page - Silicon Supplies 74HC74 Datasheet HTML 5Page - Silicon Supplies 74HC74 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 High Speed CMOS Logic – 74HC74
 
Dual D-Type Flip-Flop Logic IC with Set and Reset in bare die form
Rev 1.0
21/11/17
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1194 x 1397
47 x 55
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Low Input Current: 1µA
Asynchronous Set-Reset Capability  
±4mA Output Drive at 5V
Operating Voltage Range: 2.0 to 6.0 V
Direct drop-in replacement for obsolete components
in long term programs.
Features:
The following part suffixes apply:
Description
The 74HC74 is fabricated using a 2.5µm 5V CMOS
process and consists of two identical, independent
data type flip-flops. Each flip-flop has separate data,
set, reset, clock inputs and Q,Q outputs. The device
can be used in Shift Register applications and also
Counter or Toggle applications by connecting Q output
to the data input. The logic level present at the “D”
input is transferred to the Q output during the positive-
going transition of the clock pulse. Setting or resetting
is clock independent and accomplished by a high level
on the respective Set or Reset line.
Ordering Information
Die Dimensions in µm (mils)
1194 (47)
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 74HC74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC74 PHILIPS-74HC74 Datasheet
120Kb / 22P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
logo
ON Semiconductor
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 PHILIPS-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results

Similar Description - 74HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com