Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC2G66 Datasheet(HTML) 5 Page - Silicon Supplies

  74LVC2G66 Datasheet HTML 1Page - Silicon Supplies 74LVC2G66 Datasheet HTML 2Page - Silicon Supplies 74LVC2G66 Datasheet HTML 3Page - Silicon Supplies 74LVC2G66 Datasheet HTML 4Page - Silicon Supplies 74LVC2G66 Datasheet HTML 5Page - Silicon Supplies 74LVC2G66 Datasheet HTML 6Page - Silicon Supplies 74LVC2G66 Datasheet HTML 7Page - Silicon Supplies 74LVC2G66 Datasheet HTML 8Page - Silicon Supplies 74LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 5 of 9 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 74LVC2G66
Rev 1.0
29/06/19
AC Electrical Characteristics7
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
1.8 ±0.15V
CL = 30pF,
RL = 1kΩ
2
2
2
ns
2.5 ±0.2V
CL = 30pF,
RL = 500Ω
1.2
1.2
1.2
ns
3.3 ±0.3V
CL = 50pF,
RL = 500Ω
0.8
0.8
0.8
ns
Propagation
Delay,
Input A or B
to
Output B or A
8
tPLH / tPHL
(tpd)
5 ±0.5V
CL = 50pF,
RL = 500Ω
0.6
0.6
0.6
ns
7. Not production tested in die form, characterized by chip design and tested in package 8. The propagation delay is the calculated RC time constant
of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
DC Electrical Characteristics Continued (Voltages Referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
6
UNITS
Off-State
Switch
Leakage
Current
ISW(OFF)
5.5V
VIN = VCC
VOUT = GND,
VIN = GND
VOUT = VCC,
OE = VIL
±0.1
±0.2
±0.2
µA
On-State
Switch
Leakage
Current
ISW(ON)
5.5V
VIN = VCC
or GND,
OE = VIH,
VOUT = Open
±0.1
±1
±1
µA
Enable Input
Current
IIN
5.5V
OE = VCC
or GND,
±0.1
±1
±1
µA
Supply
Current
ICC
5.5V
VSW = VCC
or GND
1
1
1
µA
Additional
Supply
Current
ΔICC
5.5V
One input at
VCC - 0.6V,
other inputs
GND or VCC
500
500
500
µA
TYPICAL
Enable Input
Capacitance
CIN
5V
3.5
CIO(OFF)
6
Switch
Input/Output
Capacitance
CIO(ON|)
5V
14
pF
1.8V
8
2.5V
9
3.3V
9.5
Power
Dissipation
Capacitance
CPD
5V
f = 10MHz,
TA = 25°C
11
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com