Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 6 Page - Silicon Supplies

Part # 74LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC2G66 Datasheet(HTML) 6 Page - Silicon Supplies

  74LVC2G66 Datasheet HTML 1Page - Silicon Supplies 74LVC2G66 Datasheet HTML 2Page - Silicon Supplies 74LVC2G66 Datasheet HTML 3Page - Silicon Supplies 74LVC2G66 Datasheet HTML 4Page - Silicon Supplies 74LVC2G66 Datasheet HTML 5Page - Silicon Supplies 74LVC2G66 Datasheet HTML 6Page - Silicon Supplies 74LVC2G66 Datasheet HTML 7Page - Silicon Supplies 74LVC2G66 Datasheet HTML 8Page - Silicon Supplies 74LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6 of 9 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics Continued7
Low Voltage CMOS Logic – 74LVC2G66
Rev 1.0
29/06/19
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
1.8 ±0.15V
CL = 30pF,
RL = 1kΩ,
10
10
10
2.5 ±0.2V
CL = 30pF,
RL = 500Ω,
5.6
5.6
5.6
3.3 ±0.3V
CL = 50pF,
RL = 500Ω,
4.4
4.4
4.4
Propagation
Delay,
Enable to
Output A or B
tPZL / tPZH
(ten)
5 ±0.5V
CL = 50pF,
RL = 500Ω,
3.9
3.9
3.9
ns
1.8 ±0.15V
CL = 30pF,
RL = 1kΩ,
10.5
10.5
10.5
2.5 ±0.2V
CL = 30pF,
RL = 500Ω,
6.9
6.9
6.9
3.3 ±0.3V
CL = 50pF,
RL = 500Ω,
7.2
7.2
7.2
Propagation
Delay,
Disable to
Output A or B
tPLZ / tPHZ
(tdis)
5 ±0.5V
CL = 50pF,
RL = 500Ω,
6.3
6.3
6.3
ns
 
Analog Switching Characteristics7(T
A = 25°C)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
MIN
TYPICAL
MAX
UNITS
1.65V
-
35
-
2.3V
-
120
-
3V
-
175
-
4.5V
CL = 50pF,
RL = 600Ω,
fIN = sine wave
-
195
-
1.65V
-
>300
-
2.3V
-
>300
-
3V
-
>300
-
Frequency
Response
(Switch On),
Input A or B to
Output A or B
fMAX
4.5V
CL = 5pF,
RL = 50Ω,
fIN = sine wave
-
>300
-
MHz
1.65V
-
-58
-
2.3V
-
-58
-
3V
-
-58
-
4.5V
CL = 50pF,
RL = 600Ω,
fIN = 1MHz sine
wave
-
-58
-
1.65V
-
-42
-
2.3V
-
-42
-
3V
-
-42
-
Crosstalk
between
Switches
8,
Input A or B to
Output A or B
VCT
4.5V
CL = 5pF,
RL = 50Ω,
fIN = 1MHz sine
wave
-
-42
-
dB
 
8. Adjust fin voltage to obtain 0 dBm at input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com