Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74LVC2G66
Description  Low Voltage CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC2G66 Datasheet(HTML) 1 Page - Silicon Supplies

  74LVC2G66 Datasheet HTML 1Page - Silicon Supplies 74LVC2G66 Datasheet HTML 2Page - Silicon Supplies 74LVC2G66 Datasheet HTML 3Page - Silicon Supplies 74LVC2G66 Datasheet HTML 4Page - Silicon Supplies 74LVC2G66 Datasheet HTML 5Page - Silicon Supplies 74LVC2G66 Datasheet HTML 6Page - Silicon Supplies 74LVC2G66 Datasheet HTML 7Page - Silicon Supplies 74LVC2G66 Datasheet HTML 8Page - Silicon Supplies 74LVC2G66 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
 
 
Low Voltage CMOS Logic – 74LVC2G66
Dual SPST Bilateral Analog Switch in bare die form
Rev 1.0
29/06/19
 
Description
Features:
 
Wide supply voltage: VCC 1.65V - 5.5V
 
 
 
 
 
 
The 74LVC2G66 Dual Single-Pole Single-Throw Analog
Switch is produced using an optimised low voltage
CMOS process. Each switch consists of two
input/output pins and an active HIGH enable input pin
(OE). A LOW signal on the enable pin (OE) turns the
analog switch off. Schmitt trigger action on the enable
inputs provides circuit tolerance for slow input rise and
fall times. Both analog and digital signals are supported
in both directions across the full VCC range. The device
is suited for multiplexing in analog-to-digital or digital-to-
analog conversion and also finds use in signal gating,
chopping or modulation/de-modulation applications.
Very low rON : 6Ω Typ, VCC = 4.5V
High speed: tpd 0.8ns Max, VCC = 3.3V
Switch current capability: 32mA
TTL input compatibility (VCC = 3.3V)
Enable inputs accept up to 5.5V
Rail-to-Rail Input / Output
High noise immunity
Tiny Die size.
Die Dimensions in µm (mils)
 
 
 
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
720 (28)
 
 
 
 
 
 
 
 
 
 
 
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
720 x 540
28 x 21
µm
mils
Minimum Bond Pad Size
70 x 70
Sawn Wafer on Tape – On request
µm
2.76 x 2.76
mils
Die Thickness
280 (±20)
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
µm
11.02 (±0.79)
mils
Top Metal Composition
Al-Si-Cu 3 µm
Back Metal Composition
N/A – Bare Si
Page 1 of 9 
www.siliconsupplies.com


Similar Part No. - 74LVC2G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66 PHILIPS-74LVC2G66 Datasheet
144Kb / 22P
Bilateral switch
Rev. 01-29 June 2004
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66 Datasheet
147Kb / 24P
Bilateral switch
Rev. 04-1 July 2008
logo
Nexperia B.V. All right...
74LVC2G66 NEXPERIA-74LVC2G66 Datasheet
326Kb / 22P
Bilateral switch
Rev. 13 - 9 September 2022
74LVC2G66-Q100 NEXPERIA-74LVC2G66-Q100 Datasheet
287Kb / 20P
Bilateral switch
More results

Similar Description - 74LVC2G66

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
54LVC1G04 SS-54LVC1G04 Datasheet
518Kb / 6P
Low Voltage CMOS Logic
54LVC1G125 SS-54LVC1G125 Datasheet
490Kb / 8P
Low Voltage CMOS Logic
74LVC1G04 SS-74LVC1G04 Datasheet
517Kb / 6P
Low Voltage CMOS Logic
74LVC1G125 SS-74LVC1G125 Datasheet
489Kb / 8P
Low Voltage CMOS Logic
54LVC2G66 SS-54LVC2G66 Datasheet
483Kb / 9P
Low Voltage CMOS Logic
54LVC1GU04 SS-54LVC1GU04 Datasheet
1Mb / 7P
Low Voltage CMOS Logic
74LVC1GU04 SS-74LVC1GU04 Datasheet
1Mb / 7P
Low Voltage CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com