Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE828-CC Datasheet(PDF) 7 Page - California Eastern Labs

Part # NX8564LE828-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE828-CC Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NX8564LE828-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 9Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 10Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NX8564/8565/8566LE SERIES
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = -20 to +70ºC, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Laser Set Temperature
Tset
*1
20
35
°
C
Operating Current
Iop
50
60
80
mA
Modulation Center Voltage
Vcenter
Under modulation *2
−
1.5
−
1.2
−
0.5
V
Modulation Voltage
Vmod
Under modulation *2
2
3
V
Forward Voltage of LD
VFLD
IFLD = Iop
1.6
2.0
V
Threshold Current
Ith
7
20
mA
Optical Output Power from Fiber
Pf
IFLD = Iop, Under modulation*2
(NX8564/65LE Series)
−
5
−
2
dBm
IFLD = Iop, Under modulation*2
(NX8566LE Series)
0
1
Peak Emission Wavelength
λp
IFLD = Iop, VEA = 0 V
1528
ITU-T *3
1565
nm
1574
1609
Side Mode Suppression Ratio
SMSR
IFLD = Iop, VEA = 0 V
30
> 37
dB
Extinction Ratio
ER
IFLD = Iop, Under modulation*2
10
> 11
dB
Rise Time
tr
IFLD = Iop, 20-80%, Under modulation*2
70
125
ps
Fall Time
tf
IFLD = Iop, 80-20%, Under modulation*2
70
125
ps
Dispersion Penalty
DP
IFLD = Iop, Under modulation *2, 4
< 1.5
2.0
dB
Isolation
Is
23
dB
Relative Intensity Noise
RIN
10 MHz to 10 GHz, VEA = 0 V, IFLD = Iop
< −135
−
130
dB/
Hz
Input Return Loss
S11
IFLD = Iop, VEA = −1 V, 50 Ω,
f = 130 MHz to 2 GHz
−
8
dB
IFLD = Iop, VEA = −1 V, 50 Ω,
f = 2 to 2.5 GHz
−
5
*1 NX8564/65/66LE Series
: Tset is a certain point between 20 and 35°C
NX8564/65/66LE××× Series : Tset is set at a certain point between 20 and 35°C for ITU-T grid wavelength
*2 NX8564LE : C-band 360 km, L-band 288 km (6480 ps/nm) SMF under modulation
NX8565LE : C-band 600 km, L-band 480 km (10800 ps/nm) SMF under modulation
NX8566LE : C-band 240 km, L-band 192 km (4320 ps/nm) SMF under modulation
2.48832 Gb/s, PRBS 223−1, VEA = Vcenter ± 1/2Vmod, IFLD = Iop, TLD = Tset, NEC Test System
Vcenter : a certain point between −1.5 and −0.5 V
Vmod : a certain point 3 V or below
Iop
: a certain point between 50 and 80 mA
*3 Available for DWDM wavelengths based on ITU-T recommendations (100 GHz grid).
Please refer to
ORDERING INFORMATION.
*4 BER = 10−10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com