Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE828-CC Datasheet(PDF) 8 Page - California Eastern Labs

Part # NX8564LE828-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE828-CC Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NX8564LE828-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 9Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 10Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NX8564/8565/8566LE SERIES
ELECTRO-OPTICAL CHARACTERISTICS
(
Applicable to Monitor PD: TLD = Tset, TC = -20 to +70ºC, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Monitor Current
Im
VRPD = 5 V, IFLD = Iop, VEA = 0 V
20
100
1000
μ
A
Dark Current
ID
VRPD = 5 V, VEA = 0 V
10
nA
Terminal Capacitance
Ct
VRPD = 5 V, f = 1 MHz
15
pF
Tracking Error
γ *1
Im = const.
0.5
dB
*1 Tracking Error: γ
Pf
(mW)
0
Im
Im
TLD = Tset, TC = 25ºC
TLD = Tset, TC = -20 to +70ºC
Pop
Pf
γ
= 10 log
[dB]
Pf
Pop
ELECTRO-OPTICAL CHARACTERISTICS
(
Applicable to Thermistor and TEC: TC = -20 to +70ºC)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermistor Resistance
R
TLD = 25°C
9.5
10.0
10.5
kΩ
B Constant
B
3350
3450
3550
K
TEC Current
IC
TLD = Tset
1.2
A
TEC Voltage
VC
TLD = Tset
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com