Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE828-CC Datasheet(PDF) 10 Page - California Eastern Labs

Part # NX8564LE828-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE828-CC Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NX8564LE828-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 9Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 10Page - California Eastern Labs NX8564LE828-CC Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NX8564/8565/8566LE SERIES
Remark The graphs indicate nominal characteristics.
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
08/24/2004
TX
RX
EDFA
120 km
120 km
120 km
120 km
120 km
2.5 Gb/s
EDFA
EDFA
EDFA
EDFA
EDFA
600 km STANDARD FIBER TRANSMISSION EXAMPLE (NX8565LE Series)
Test Setup
-40
-38
-36
-34
-32
10-6
10-7
10-8
10-9
10-10
10-11
10-12
ERROR RATE CHARACTERISTICS
Received Power (dBm)
-42
10-5
10-4
10-13
back to back
after 600 km
EYE DIAGRAM
-30
-28
Back to Back (100 ps/div.)
After 600 km (100 ps/div.)
2.48832 Gb/s,
NRZ 2 VP-P,
PRBS 223-1,
Iop = 70 mA,
TC = 25ºC,
Vcenter = -1.2 V,
Vmod = 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com