Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663GV Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC1663GV
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC1663GV Datasheet(HTML) 3 Page - California Eastern Labs

  UPC1663GV Datasheet HTML 1Page - California Eastern Labs UPC1663GV Datasheet HTML 2Page - California Eastern Labs UPC1663GV Datasheet HTML 3Page - California Eastern Labs UPC1663GV Datasheet HTML 4Page - California Eastern Labs UPC1663GV Datasheet HTML 5Page - California Eastern Labs UPC1663GV Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC1663GV
SINGLE ENDED OUTPUT VOLTAGE
SWING vs. TEMPERATURE
Ambient Temperature, TA (°C)
5.0
4.5
4.0
3.5
3.0
2.5
-20
0
20
40
60
80
Ambient Temperature, TA (°C)
SINK CURRENT vs. TEMPERATURE
Ambient Temperature, TA (°C)
50
40
30
20
10
0
-20
0
20
40
60
80
Vc =6 V, Ve = -6 V
INPUT BIAS CURRENT
vs. TEMPERATURE
DIFFERENTIAL VOLTAGE GAIN vs.
RESISTANCE BETWEEN GA AND GB
1000
100
10
10
100
1 k
10 k
RADJ (Ω)
Ambient Temperature, TA (°C)
SUPPLY CURRENT vs. TEMPERATURE
16
15
14
13
12
11
10
-20
0
20
40
60
80
VC = 6 V, VE = -6 V
20
15
10
5
0
+2
+4
+6
+8
VC
-2
-4
-6
-8
VE
SUPPLY CURRENT vs. SUPPLY VOLTAGE
Supply Voltage, V± (V)
4.0
2.5
3.5
3.0
-20
0
20
40
60
80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com