Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663GV Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPC1663GV
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC1663GV Datasheet(HTML) 1 Page - California Eastern Labs

  UPC1663GV Datasheet HTML 1Page - California Eastern Labs UPC1663GV Datasheet HTML 2Page - California Eastern Labs UPC1663GV Datasheet HTML 3Page - California Eastern Labs UPC1663GV Datasheet HTML 4Page - California Eastern Labs UPC1663GV Datasheet HTML 5Page - California Eastern Labs UPC1663GV Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PART NUMBER
UPC1663GV
PACKAGE OUTLINE
S08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Power Supply Current
mA
13
20
AVd
Differential Voltage Gain:
Gain1
200
320
500
Gain2
810
12
BW
Bandwidth (Gain is 3 dB down
Gain1
MHz
120
from the gain at 100 KHz)
Gain2
MHz
700
tR
Rise Time, VOUT = 1Vp-p:
Gain1
ns
2.9
Gain2
ns
2.7
tpd
Propagation Delay, VOUT = 1 Vp-p:
Gain1
ns
2
Gain2
ns
1.2
RIN
Input Impedance:
Gain1
kΩ
4.0
Gain2
kΩ
50
180
CIN
Input Capacitance
pF
2
IIO
Input Offset Current
µA
0.4
5.0
IB
Input Bias Current
µA20
40
VN
Input Noise Voltage, 10 k to 10 MHz
µVr.m.s.
3
VI
Input Voltage Range
V
±1.0
CMRR
Common Mode Rejection Ratio, Vcm = ±1 V, f ≤100 kHz
dB
55
94
Vcm = ±1 V, f = 5 MHz
dB
53
60
SVRR
Supply Voltage Rejection Ratio, ∆V = ±0.5 V
dB
50
70
VO(off)
Output Offset Voltage, VO(off) = |OUT1 - OUT2|
Gain1
V
0.3
1.5
Gain2
V
0.1
1.0
VO (CM)
Output Common Mode Voltage
V
2.4
2.9
3.4
VOp-p
Max. Output Voltage Swing, Single-ended
Vp-p
3.0
4.0
Isink
Output Sink Current
mA
2.5
3.6
Notes:
1. Gain select pins GA and GB are connected together.
2. All gain select pins are open.
3. Insert adjustment resistor (0 to 10 kΩ) between GA and GB when variable gain is necessary.
FEATURES
ULTRA-WIDEBAND
DIFFERENTIAL VIDEO AMPLIFIER
NEC's UPC1663GV is a video amplifier with differential input
and output stages. A high frequency process (fT = 6 GHz)
improves AC performance compared with industry-standard
video amplifiers. This device is excellent as a sense amplifier
for high-density CCDs, as a video or pulse amplifier in high-
resolution displays, and in communications equipment.
DESCRIPTION
• BANDWIDTH AND TYPICAL GAIN:
120 MHz at AVOL = 300
170 MHz at AVOL = 100
700 MHz at AVOL = 10
• VERY SMALL PHASE DELAY
• GAIN ADJUSTABLE FROM 10 TO 300
• NO FREQUENCY COMPENSATION REQUIRED
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = ±6 V, RS = 50 Ω, f = 10 MHz)
SINGLE ENDED VOLTAGE GAIN
vs. FREQUENCY
0
10
20
30
40
50
60
100 k
1 M
10 M
100 M
Gain 1
Gain 2
Frequency, f (Hz)
California Eastern Laboratories
UPC1663GV


Similar Part No. - UPC1663GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663GV-E1 NEC-UPC1663GV-E1 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Renesas Technology Corp
UPC1663GV-E1 RENESAS-UPC1663GV-E1 Datasheet
462Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC1663GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
Differential video amplifier
April 15, 1992
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592B TI-TL592B Datasheet
339Kb / 11P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Analog Devices
AD8146 AD-AD8146 Datasheet
584Kb / 24P
Triple Differential Driver for Wideband Video
REV. 0
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
TL592 TI1-TL592 Datasheet
95Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com