Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663GV Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPC1663GV
Description  ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC1663GV Datasheet(HTML) 5 Page - California Eastern Labs

  UPC1663GV Datasheet HTML 1Page - California Eastern Labs UPC1663GV Datasheet HTML 2Page - California Eastern Labs UPC1663GV Datasheet HTML 3Page - California Eastern Labs UPC1663GV Datasheet HTML 4Page - California Eastern Labs UPC1663GV Datasheet HTML 5Page - California Eastern Labs UPC1663GV Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UPC1663GV
PART NUMBER
QUANTITY
UPC1663GV-E1-A
1000/Reel
ORDERING INFORMATION
CONNECTION DIAGRAM (TOP VIEW)
UPC1663GV
Notes:
1. Each lead centerline is located within 0.12 mm (0.005 inch)
of its true position at maximum material condition.
2. All dimensions are typical unless otherwise specified.
OUTLINE DIMENSIONS (Units in mm)
UPC1663GV
PACKAGE OUTLINE S08
1
2
3
4
8
7
6
5
IN2
G1A
VCC-
OUT2
IN1
G1B
VCC+
OUT1
8
7
6
3.0 MAX
5
1
2
3
4
N
1.5±0.1
1.8 MAX
0.1 ± 0.1
0.3
+0.10
-0.05
0.575 MAX
0.15
+0.10
-0.05
4.94 ± 0.2
3.2±0.1
0.87±0.2
0.5 ± 0.2
0.65
3
+7˚
-3˚
Detail of Lead End
1663
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
06/06/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Pin
Pin
In single
In single
No.
Name
Bias
bias
Functions and Applications
Internal Equivalent Circuit
(V)
(V)
8IN1
Pin
Apply
Input pin
1IN2
voltage
voltage
0VCC/2
5
OUT1
Pin
Apply
Output pin
4
OUT2
voltage
voltage
0VCC/2
6VCC+
±2 to ±6.5
-0.3 to +14
Plus voltage supply pin.
This pin should be
connected with bypass
capacitor to minimize AC
impedance.
3VCC-
GND
Minus voltage supply pin.
This pin should be
connected with bypass
capacitor to minimize AC
impedance.
7G1A
—
—
Gain adjustment pin.
2G1B
External resistor from 0 to
10 kW can be inserted
between pin 2 and 7 to
determine gain value.
PIN DESCRIPTION
6
4
5
3
2
1
7
8
Internal circuit constants should be refered to
application note.
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com