Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE6074-BC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8564LE6074-BC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE6074-BC Datasheet(HTML) 3 Page - California Eastern Labs

  NX8564LE6074-BC Datasheet HTML 1Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 2Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 3Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 4Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 5Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 6Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 7Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 8Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NX8564/8565/8566LE SERIES
PARAMETER
SPECIFICATION
UNIT
Mode Field Diameter
9.3±0.5
μ
m
Cladding Diameter
125±1
μ
m
Tight Buffer Diameter
900±100
μ
m
Cut-off Wavelength
< 1270
nm
Attenuation 1525 to 1575 nm
< 0.3
dB/km
Minimum Fiber Bending Radius
30
mm
Fiber Length
900 MIN.
mm
Flammability
UL1581 VW-1
OPTICAL FIBER CHARACTERISTICS
-CC : SC-UPC connector
-BC : FC-UPC connector
Fiber Length : 900 mm MIN.
35±2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com