Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE6074-BC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8564LE6074-BC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE6074-BC Datasheet(HTML) 1 Page - California Eastern Labs

  NX8564LE6074-BC Datasheet HTML 1Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 2Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 3Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 4Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 5Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 6Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 7Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 8Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NEC's EA MODULATOR
INTEGRATED InGaAsP MQW DFB
LASER DIODE MODULE
FOR 2.5 Gb/s ULTRALONG-REACH
360, 600, 240 km DWDM APPLICATIONS
NX8564LE
NX8565LE
NX8566LE
SERIES
FEATURES
•
INTEGRATED ELECTROABSORPTION MODULATOR
•
VERY LOW DISPERSION PENALTY:
Over 360 km (6480 ps/nm), NX8564LE-BC/CC
Over 600 km (10800 ps/nm), NX8565LE-BC/CC
Over 240 km (4320 ps/nm), NX8566LE-BC/CC
• LOW MODULATION VOLTAGE
• AVAILABLE FOR DWDM WAVELENGTH
BASED ON ITU-T RECOMMENDATION
100 GHz grid, refer to
ORDERING INFORMATION
NEC's NX8564/8565/8566LE Series is an Electro-Absorption
(EA) modulator integrated, 1550 nm Multiple Quantum Well
(MQW) structured Distributed Feed-Back (DFB) laser diode.
The module is capable of 2.5 Gb/s applications of over 360
km, 600 km, 240 km ultralong-reach and available for Dense
Wavelength Division Multiplexing (DWDM) wavelengths
based on ITU-T recommendations, enabling a wide range of
applications.
DESCRIPTION
California Eastern Laboratories


Similar Part No. - NX8564LE6074-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8564 RENESAS-NX8564 Datasheet
305Kb / 16P
LASER DIODE
2004
More results

Similar Description - NX8564LE6074-BC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com