Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE6074-BC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8564LE6074-BC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE6074-BC Datasheet(HTML) 4 Page - California Eastern Labs

  NX8564LE6074-BC Datasheet HTML 1Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 2Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 3Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 4Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 5Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 6Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 7Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 8Page - California Eastern Labs NX8564LE6074-BC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NX8564/8565/8566LE SERIES
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/2)
NX856 LE
-
CC : SC-UPC connector
BC : FC-UPC connector (option)
Without wavelength code : Wavelength is a certain point between
1528 to 1565 nm, 1579 to 1609 nm
With wavelength code
: Refer to
Table A
4 : 360 km (6480 ps/nm)
5 : 600 km (10800 ps/nm)
6 : 240 km (4320 ps/nm)
Wavelength
Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
Wavelength Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
287
1528.77
196.10
485
1548.51
193.60
295
1529.55
196.00
493
1549.31
193.50
303
1530.33
195.90
501
1550.11
193.40
311
1531.11
195.80
509
1550.91
193.30
318
1531.89
195.70
517
1551.72
193.20
326
1532.68
195.60
525
1552.52
193.10
334
1533.46
195.50
533
1553.32
193.00
342
1534.25
195.40
541
1554.13
192.90
350
1535.03
195.30
549
1554.94
192.80
358
1535.82
195.20
557
1555.74
192.70
366
1536.60
195.10
565
1556.55
192.60
373
1537.39
195.00
573
1557.36
192.50
381
1538.18
194.90
581
1558.17
192.40
389
1538.97
194.80
589
1558.98
192.30
397
1539.76
194.70
597
1559.79
192.20
405
1540.55
194.60
606
1560.60
192.10
413
1541.34
194.50
614
1561.41
192.00
421
1542.14
194.40
622
1562.23
191.90
429
1542.93
194.30
630
1563.04
191.80
437
1543.73
194.20
745
1574.54
190.40
445
1544.52
194.10
753
1575.36
190.30
453
1545.32
194.00
761
1576.19
190.20
461
1546.11
193.90
770
1577.02
190.10
469
1546.91
193.80
778
1577.85
190.00
477
1547.71
193.70
786
1578.68
189.90
*1 The value which omitted and computed the 3rd place below the decimal point
ORDERING INFORMATION
PART NUMBER
PACKAGING
NX8564-AZ*
Butterfly Package
NX8565-AZ*
NX8566-AZ*
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com