Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3422NSA Datasheet(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3422NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3422NSA Datasheet(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3422NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PJM3422NSA
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
4 / 7
Revison:1.0 Apr-2019
0
1
2
3
4
5
0
3
1
2
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
40
80
120
160
200
240
280
320
360
400
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
5
10
15
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.1
0.001
0.01
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
VDS=27.5V
ID=2.1A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=100°C/W
Ton
T
PD
order
In descending
0.02, 0.01,
0.3, 0.1, 0.05,
D=0.5,
single pulse
TJ(Max)=150°C
TA=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com