Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3422NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3422NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3422NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3422NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJM3422NSA
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
2 / 7
Revison:1.0 Apr-2019
Electrical Characteristics (TA=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 10mA
55
-
-
V
Drain to Source Leakage Current
IDSS
VDS = 44 V, VGS = 0 V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS =
±12 V, VDS = 0 V
-
-
±100
nA
Gate Threshold Voltage Note2
VGS(th)
VDS = VGS, ID = 250
μA
0.6
1.3
2
V
Drain-Source on-Resistance Note2
RDS(ON)
VGS = 4.5 V, ID = 2.1 A
-
125
160
mΩ
VGS = 2.5 V, ID = 1.5 A
-
157
200
mΩ
Forward Transconductance Note2
gFS
VDS = 5 V, ID = 2.1 A
-
11
-
S
Dynamic Characteristics
Input Capacitance
Ciss
VDS = 25 V, VGS= 0V, f = 1MHZ
-
214
300
pF
Output Capacitance
Goss
-
31
-
pF
Reverse Transfer Capacitance
Crss
-
12.6
-
pF
Switching Characteristics
Turn -On Delay Time
Td(on)
VGS = 10 V,
VDD = 27.5V,
ID = 2.1A, RGEN = 3Ω
-
2.3
-
ns
Turn-On Rise Time
tr
-
2.4
-
ns
Turn-Off Delay Time
Td(off)
-
16.5
-
ns
Turn-Off Fall Time
tf
-
2
-
ns
Source-Drain Diode characteristics
Diode Forward Voltage
VSD
IS= 1A
-
0.78
1
V
Maximum Body-Diode
Continuous Current
IS
-
-
1
A
Notes:
1.Surface mounted on FR4 board,t ≤ 10 sec.
2.Pulse test: pulse width ≤300μs,duty cycle≤2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com