Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3422NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3422NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3422NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3422NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3422NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PJM3422NSA
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
3 / 7
Revison:1.0 Apr-2019
Typical Characteristic curves
0
2
4
6
8
01
23
45
VDS (Volts)
Fig 1: On-Region characteristics
VGS=2V
2.5V
5V
3.5V
10V
0
2
4
6
10
8
1
1.25
1.5
1.75
2
2.25
2.5
VGS(Volts)
Figure 2: Transfer Characteristics
100
120
140
160
180
200
01
0000
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=2.5V
VGS=4.5
10
60
110
160
210
260
310
360
002
68
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=2.5V
VGS=4.5V
ID=2.3A
25°C
125°C
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com