Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8418 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 17Page - National Semiconductor (TI) DP8418 Datasheet HTML 18Page - National Semiconductor (TI) DP8418 Datasheet HTML 19Page - National Semiconductor (TI) DP8418 Datasheet HTML 20Page - National Semiconductor (TI) DP8418 Datasheet HTML 21Page - National Semiconductor (TI) DP8418 Datasheet HTML 22Page - National Semiconductor (TI) DP8418 Datasheet HTML 23Page - National Semiconductor (TI) DP8418 Datasheet HTML 24Page - National Semiconductor (TI) DP8418 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Electrical Characteristics VCC e 50V g10% 0 C s TA s 70 C unless otherwise noted (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VC
Input Clamp Voltage
VCC e Min IC eb 12 mA
b
08
b
12
V
IIH
Input High Current for all Inputs
VIN e 25V
20
100
m
A
II RSI
Output Load Current for RFIO
VIN e 05V Output high
b
07
b
15
mA
IIL1
Input Low Current for all Inputs
VIN e 05V
b
002
b
025
mA
IIL2
ADS RC CS M2 RASIN
VIN e 05V
b
005
b
05
mA
VIL
Input Low Threshold
08
V
VIH
Input High Threshold
20
V
VOL1
Output Low Voltage
IOL e 20 mA
03
05
V
VOL2
Output Low Voltage for RFIO
IOL e 8 mA
03
05
V
VOH1
Output High Voltage
IOH eb 1 mA
24
35
V
VOH2
Output High Voltage for RFIO
IOH eb 100 mA
24
35
V
I1D
Output High Drive Current
VOUT e 08V (Note 3)
b
50
b
200
mA
I0D
Output Low Drive Current
VOUT e 24V (Note 3)
50
200
mA
ICC
Supply Current
VCC e Max
150
240
mA
Except RFIO
Except RFIO ADS RC CS M2 RASIN
Switching Characteristics DP8417 DP8418 DP8419 DP8419X
VCC e 50V g10% 0 C s TA s 70 C unless otherwise noted (Notes 2 4 5) the output load capacitance is typical for 4
banks of 22 DRAMs each or 88 DRAMs including trace capacitance
These values are Q0-Q8 CL e 500 pF RAS0–RAS3 CL e 150 pF WE CL e 500 pF CAS CL e 600 pF RL e 500X
unless otherwise noted See
Figure 11a for test load S1 is open unless otherwise noted Maximum propagation delays
are specified with all outputs switching
Preliminary
Symbol
Parameter
Condition
CL
All CL e 50 pF
Units
Min
Max
Min
Max
ACCESS
tRICL0
RASIN to CAS Low Delay
Figure 6
57
97
42
85
ns
(RAHS e 0)
DP8417 18 19-80
tRICL0
RASIN to CAS Low Delay
Figure 6
57
87
42
75
ns
(RAHS e 0)
DP8417 18 19-70
tRICL1
RASIN to CAS Low Delay
Figure 6
48
80
35
68
ns
(RAHS e 1)
DP8417 18 19-80
tRICL1
RASIN to CAS Low Delay
Figure 6
48
70
35
58
ns
(RAHS e 1)
DP8417 18 19-70
tRICH
RASIN to CAS High Delay
Figure 6
37
ns
tRCDL0
RAS to CAS Low Delay
Figure 6
43
80
ns
(RAHS e 0)
DP8417 18 19-80
tRCDL0
RAS to CAS Low Delay
Figure 6
43
72
ns
(RAHS e 0)
DP8417 18 19-70
tRCDL1
RAS to CAS Low Delay
Figure 6
34
63
ns
(RAHS e 1)
DP8417 18 19-80
tRCDL1
RAS to CAS Low Delay
Figure 6
34
55
ns
(RAHS e 1)
DP8417 18 19-70
tRCDH
RAS to CAS High Delay
Figure 6
22
ns
tRAH0
Row Address Hold Time
Figure 6
25
25
ns
(RAHS e 0 Mode 5)
tRAH1
Row Address Hold Time
Figure 6
15
15
ns
(RAHS e 1 Mode 5)
tASC
Column Address Set-up Time
Figure 6
00
ns
(Mode 5)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com