Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8418 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 7Page - National Semiconductor (TI) DP8418 Datasheet HTML 8Page - National Semiconductor (TI) DP8418 Datasheet HTML 9Page - National Semiconductor (TI) DP8418 Datasheet HTML 10Page - National Semiconductor (TI) DP8418 Datasheet HTML 11Page - National Semiconductor (TI) DP8418 Datasheet HTML 12Page - National Semiconductor (TI) DP8418 Datasheet HTML 13Page - National Semiconductor (TI) DP8418 Datasheet HTML 14Page - National Semiconductor (TI) DP8418 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DP8419 Mode Descriptions (Continued)
MODE 1 – AUTOMATIC FORCED REFRESH
In Mode 1 the RC (RFCK) pin becomes RFCK (refresh
cycle clock) and the CASIN (RGCK) pin becomes RGCK
(RAS generator clock) If RFCK is high and Mode 1 is en-
tered then the chip operates as if in MODE 0 (externally
controlled refresh) with all RAS outputs following RASIN
This feature of Mode 1 may be useful for those who want to
use Mode 5 (automatic access) with externally controlled
refresh By holding RFCK permanently high one need only
toggle M2 (RFSH) to switch from Mode 5 to external re-
fresh As with Mode 0 RFIO may be pulled low by an ex-
ternal gate to reset the refresh counter
When using Mode 1 as automatic refresh RFCK must be an
input clock signal One refresh should occur each period of
RFCK If no refresh is performed while RFCK is high then
when RFCK goes low RFIO immediately goes low to indi-
cate that a refresh is requested (RFIO may still be used to
reset the refresh counter even though it is also used as a
refresh request pin however an open-collector gate should
be used to reset the counter in this case since RFIO is
forced low internally for a request)
After receiving the refresh request the system must allow a
forced refresh to take place while RFCK is low External
logic can monitor RFRQ (RFIO) so that when RFRQ goes
low this logic will wait for the access currently in progress to
be completed before pulling M2 (RFSH) low to put the
DP8419 in mode 1 If no access is taking place when RFRQ
occurs then M2 may immediately go low Once M2 is low
the refresh counter contents appear at the address outputs
and RAS is generated to perform the refresh
An external clock on RGCK is required to derive the refresh
RAS signals On the second falling edge of RGCK after M2
is low all RAS lines go low They remain low until two more
falling edges of RGCK Thus RAS remains high for one to
two periods of RGCK after M2 goes low and stays low for
two periods In order to obtain the minimum delay from M2
going low to RAS going low M2 should go low tRFSRG be-
fore the falling edge of RGCK
TLF8396 – 11
j
RFCK goes low
k
RFRQ goes low if no hidden refresh
occurred while RFCK was high
l
Next RASIN starts next access
m
m
P acknowledges refresh request
n
Forced refresh RAS starts after l T
(l tRP)
o
Forced refresh RAS ends RFRQ
p
m
P removes refresh acknowledge
FIGURE 3 DP8419 Performing a Forced Refresh (Mode 5
x1x5) with Various Microprocessors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com