Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8418 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 2Page - National Semiconductor (TI) DP8418 Datasheet HTML 3Page - National Semiconductor (TI) DP8418 Datasheet HTML 4Page - National Semiconductor (TI) DP8418 Datasheet HTML 5Page - National Semiconductor (TI) DP8418 Datasheet HTML 6Page - National Semiconductor (TI) DP8418 Datasheet HTML 7Page - National Semiconductor (TI) DP8418 Datasheet HTML 8Page - National Semiconductor (TI) DP8418 Datasheet HTML 9Page - National Semiconductor (TI) DP8418 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Family Device Differences
DP8417 vs DP8419
The DP8417 is identical to the DP8419 with the exception
that its RAS CAS WE and Q (Multiplexed Address) outputs
are TRI-STATE when CS (Chip Select) is high and the chip
is not in a refresh mode This feature allows access to the
same DRAM array through multiple DRAM ControllerDriver
DP8417s All AC specifications are the same as the DP8419
except tCSRLO which is 34 ns for the DP8417 versus 5 ns
for the DP8419 Separate delay specifications for the TRI-
STATE timing paths are provided in the AC tables of this
data sheet
DP8418 vs DP8419
The DP8418 DYNAMIC RAM CONTROLLERDRIVER is
identical to the DP8419 with the exception of two functional
differences incorporated to improve performance with 32-bit
microprocessors
1) Pin 26 (B1) is used to enabledisable a pair of RAS out-
puts and pin 27 (B0 on the DP8419) is a no connect
When B1 is low RAS0 and RAS1 are enabled such that
they both go low during an access When B1 is high
RAS2 and RAS3 are enabled This feature is useful when
driving words to 32 bits or more since each RAS would
be driving only one half of the word By distributing the
load on each RAS line in this way the DP8418 will meet
the same AC specifications driving 2 banks of 32 DRAMs
each as the DP8419 does driving 4 banks of 16 bits each
2) The hidden refresh function available on the DP8419 has
been disabled in order to reduce the amount of setup
time necessary from CS going low to RASIN going low
during an access of DRAM
This parameter
called
tCSRL1 is 5 ns for the DP8418 whereas it is 34 ns for the
DP8419 The hidden refresh function only allows a very
small increase in system performance at best at micro-
processor frequencies of 10 MHz and above
DP8419 vs DP8409A
The DP8419 High Speed DRAM ControllerDriver combines
the
most
popular
memory
control
features
of
the
DP8408A9A DRAM ControllerDriver with the high speed
of bipolar oxide isolation processing
The DP8419 retains the high capacitive-load drive capability
of the DP8408A9A as well as its most frequently used ac-
cess and refresh modes allowing it to directly replace the
DP8408A9A in applications using only modes 0 1 4 and 5
Thus the DP8419 will allow most DP8408A9A users to
directly upgrade their system by replacing their old control-
ler chip with the DP8419
The highest priority of the DP8419 is speed By peforming
the DRAM address multiplexing control signal timing and
high-capacitive drive capability on a single chip propagation
delay skews are minimized Emphasis has been placed on
reducing delay variation over the specified supply and tem-
perature ranges
Except for the following a DP8419 will operate essentially
the same as a DP8409A
1) The DP8419 has significantly faster AC performance
2) The DP8419 can replace the DP8409A in applications
which use modes 0 1 4 and 5 Modes 2 3 6 and 7 of
the DP8409A are not available on the DP8419
3) Pin 4 on the DP8419 is RAHS instead of M1 as on the
DP8409A and allows for two choices of tRAH in mode 5
4) RFIO does not function as an end-of-count signal in
Mode 0 on the DP8419 as it does on the DP8409A
5) DP8419 address and control outputs do not TRI-STATE
when CS is high as on the DP8409A DP8419 control
outputs are active high when CS is high (unless refresh-
ing)
Pin Definitions
VCC GND GND b VCC e 5V g10% The three supply
pins have been assigned to the center of the package to
reduce voltage drops both DC and AC There are two
ground pins to reduce the low level noise The second
ground pin is located two pins from VCC so that decoupling
capacitors can be inserted directly next to these pins It is
important to adequately decouple this device due to the
high switching currents that will occur when all 9 address
bits change in the same direction simultaneously A recom-
mended solution would be a 1 mF multilayer ceramic capaci-
tor in parallel with a low-voltage tantalum capacitor both
connected as close as possible to VCC and GND to reduce
lead inductance See Figure below
TLF8396 – 4
Capacitor values should be chosen depending on the particular application
R0 – R8 Row Address Inputs
C0 – C8 Column Address Inputs
Q0 – Q8 Multiplexed Address Outputs -
This address is
selected from the Row Address Input Latch the Column
Address Input Latch or the Refresh Counter
RASIN Row Address Strobe Input -
RASIN directly con-
trols the selected RAS output when in an access mode and
all RAS outputs during hidden or external refresh
RC (RFCK) -
In the auto-modes this pin is the external
refresh clock input one refresh cycle should be performed
each clock period In the external access mode it is Row
Column Select Input which enables either the row or column
address input latch onto the output bus
CASIN (RGCK) -
In the auto-modes this pin is the RAS
Generator Clock input In external access mode it is the
Column Address Strobe input which controls CAS directly
once columns are enabled on the address outputs
ADS Address (Latch) Strobe Input -
Row Address Col-
umn Address and Bank Select Latches are fall-through with
ADS high latching occurs on high-to-low transition of ADS
CS Chip Select Input -
When high CS disables all access-
es Refreshing however in both modes 0 and 1 is not af-
fected by this pin
M0 M2 (RFSH) Mode Control Inputs -
These pins select
one of the four available operational modes of the DP8419
(see Table III)
RFIO Refresh InputOutput -
In the auto-modes this pin
is the Refresh Request Output It goes low following RFCK
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com