Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF2P02HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGSF2P02HD
Description  Power MOSFET 2 Amps, 20 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2P02HD Datasheet(HTML) 1 Page - ON Semiconductor

  MGSF2P02HD Datasheet HTML 1Page - ON Semiconductor MGSF2P02HD Datasheet HTML 2Page - ON Semiconductor MGSF2P02HD Datasheet HTML 3Page - ON Semiconductor MGSF2P02HD Datasheet HTML 4Page - ON Semiconductor MGSF2P02HD Datasheet HTML 5Page - ON Semiconductor MGSF2P02HD Datasheet HTML 6Page - ON Semiconductor MGSF2P02HD Datasheet HTML 7Page - ON Semiconductor MGSF2P02HD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Publication Order Number:
MGSF2P02HD/D
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 2
1
MGSF2P02HD
Power MOSFET
2 Amps, 20 Volts
P−Channel TSOP−6
This device represents a series of Power MOSFETs which are
capable of withstanding high energy in the avalanche and
commutation modes and the drain−to−source diode has a very low
reverse recovery time. These devices are designed for use in low
voltage, high speed switching applications where power efficiency is
important. Typical applications are dc−dc converters, and power
management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be
used for low voltage motor controls in mass storage products such as
disk drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are switched
and offer additional safety margin against unexpected voltage
transients.
Features
• Miniature TSOP−6 Surface Mount Package − Saves Board Space
• Low Profile for Thin Applications such as PCMCIA Cards
• Very Low R
DS(on) Provides Higher Efficiency and Expands
Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Diode is Characterized for Use in Bridge Circuits
• Diode Exhibits High Speed, with Soft Recovery
• I
DSS Specified at Elevated Temperatures
• Avalanche Energy Specified
• Package Mounting Information Provided
3
4
12 5 6
Device
Package
Shipping†
ORDERING INFORMATION
MGSF2P02HDT1
TSOP−6
3000 Tape & Reel
P−Channel
TSOP−6
CASE 318G
STYLE 1
W
MARKING
DIAGRAM
3V
3V
= Device Code
W
= Work Week
PIN ASSIGNMENT
3
2
1
4
Gate
Drain
Source
5
6
Drain
Drain
Drain
MGSF2P02HDT3
TSOP−6
10,000 Tape & Reel
http://onsemi.com
VDSS
RDS(ON) TYP
ID MAX
20 V
175 m
Ω
2.0 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1


Similar Part No. - MGSF2P02HD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MGSF2P02HDT3G VBSEMI-MGSF2P02HDT3G Datasheet
440Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MGSF2P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTGS3443T1 ONSEMI-NTGS3443T1 Datasheet
69Kb / 6P
Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2G ONSEMI-NTMD2C02R2G Datasheet
187Kb / 12P
Power MOSFET 2 Amps, 20 Volts
March, 2006 ??Rev. 1
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com